Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6C Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # P6C
Description  2.5mm & 3.5mm JACK PLUGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P6C Datasheet(HTML) 2 Page - Electronic Components Ltd.

  P6C Datasheet HTML 1Page - Electronic Components Ltd. P6C Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For further information, contact sales@cliffuk.co.uk
CLIFF
¼" JACK PLUGS
Features
● Rivetted construction.
● Manufactured from solid nickel plated brass.
● Incorporate high temperature Phenolic / PBT insulators.
● Metal bodies made from chrome plated brass.
● Plastic bodies made from ABS.
● All versions fitted with cable clamp.
P1C - ¼" mono screened Jack Plug. Metal body.
P3C- Stereo version.
Max. cable Ø6.4mm with grommet removed.
P2C - ¼" mono unscreened Jack Plug. Plastic
body available in various standard colors.
P4C - Stereo version.
Max cable Ø6.5mm.
SEP/2C - ¼" mono unscreened 90° Jack Plug.
Plastic body available in various standard colours.
SEP/4C - Stereo version.
Max. cable Ø5.0mm.
SEP/1C - ¼" mono screened 90° Jack Plug. Has
plated plastic body.
SEP/3C - Stereo version.
Max cable Ø6.4mm
Jack Leads
We can offer a complete service to design and
manufacture custom moulded cable assemblies,
including Jack, XLR, DIN, Bantam, DMX and
power leads.
Contact sales for more details.
SEP/3C Professional - ¼" stereo screened right
angle Jack Plug. Metal body with black plastic
cover.
SEP/1C Professional - Mono version.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com