Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6C Datasheet (PDF) - Electronic Components Ltd.

P6C Datasheet PDF - Electronic Components Ltd.
Part # P6C
Download  P6C Download
File Size   227.79 Kbytes
Page   2 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 2.5mm & 3.5mm JACK PLUGS

P6C Datasheet (PDF)

Go To PDF Page Download Datasheet
P6C Datasheet PDF - Electronic Components Ltd.

Part # P6C
Download  P6C Click to download

File Size   227.79 Kbytes
Page   2 Pages
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.
Description 2.5mm & 3.5mm JACK PLUGS

P6C Datasheet (HTML) - Electronic Components Ltd.


P6C Product details

Features
● Low profile barrels available in 2.5mm and 3.5mm.
● Manufactured from solid nickel plated brass.
● Metal cable clamps.
● Incorporate molded plastic insulators.
● Riveted construction.
● Covers are ABS.

Features
● Rivetted construction.
● Manufactured from solid nickel plated brass.
● Incorporate high temperature Phenolic / PBT insulators.
● Metal bodies made from chrome plated brass.
● Plastic bodies made from ABS.
● All versions fitted with cable clamp.




Similar Part No. - P6C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6C-06P OMRON-P6C-06P Datasheet
35Kb / 1P
Back Connecting Sockets
P6C-08P OMRON-P6C-08P Datasheet
35Kb / 1P
Back Connecting Sockets
logo
HY-LINE Power Component...
P6C0505D HY-LINE-P6C0505D Datasheet
167Kb / 3P
6W DC-DC Converter P6C-Series
Rev: 02.14 f
P6C0505S HY-LINE-P6C0505S Datasheet
167Kb / 3P
6W DC-DC Converter P6C-Series
Rev: 02.14 f
P6C0512D HY-LINE-P6C0512D Datasheet
167Kb / 3P
6W DC-DC Converter P6C-Series
Rev: 02.14 f
More results


Similar Description - P6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
List of Unclassifed Man...
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
logo
CUI INC
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com