Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL002CB Datasheet(PDF) 1 Page - Optronics International

Part # BUL002CB
Description  ONE LED 6" Oval DOT Back-Up Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BUL002CB Datasheet(HTML) 1 Page - Optronics International

  BUL002CB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
BUL002 SERIES
ONE LED 6" Oval DOT Back­Up Light
ONE LED lights offer a low cost upgrade from incandescent lamps
Sonically sealed, waterproof
Certified for back­up light function when installed as pair in two­lamp system [SAE (2)R]
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
BUL002CB
BUL002CBP
1
Clear back­up light, recess mount.
standard 2­pin connection; 12V
10
BUL002CM3B
BUL002CM3BP
1
DISCONTINUED ­ Clear back­up light,
recess mount, 3­pin weathertight
connection, 12V
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A70GB
A70GBP
Grommet for 6" lights, PVC black 80%, 65­75
durometer, [Hole cut­out: 6.85" x 2.5" (1.25"
R)]
50
A45CB
A45CBP
Straight 2­wire pigtail with two­pin PL­3 male
plug, 10”
100
A49PB
A49PBP
Right angle 2­wire pigtail with two­pin PL­3
male plug, 10”
100
A45PMB
A45PMBP
Weathertight 3­wire pigtail, 10” leads, ring
terminal on ground, stripped wire ends on
power leads
50
AL45PWTB
AL45PWTBP
Adapter: Weathertight plug to female PL­3
plug, 10”
50
Specifications
FMVSS:
(2)R
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ .26A
WT/DIMS:
.265 lbs. / 6.5” x 2.313” x 1.938” [Hole cut­out: 6.85" x 2.52" (1.26" R)]
WARRANTY:
Lifetime LED Warranty


Similar Part No. - BUL002CB

ManufacturerPart #DatasheetDescription
logo
Optronics International
BUL003 OPTRONICS-BUL003 Datasheet
184Kb / 1P
ONE LED 4" Round DOT Back-Up Light
BUL003C1224B OPTRONICS-BUL003C1224B Datasheet
184Kb / 1P
ONE LED 4" Round DOT Back-Up Light
BUL003CB OPTRONICS-BUL003CB Datasheet
184Kb / 1P
ONE LED 4" Round DOT Back-Up Light
More results

Similar Description - BUL002CB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
Multi-string LED Back-light Controller
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
LED BACK LIGHT (4 Inch)
logo
Dialight Corporation
68001RB DIALIGHT-68001RB Datasheet
70Kb / 1P
2' X 6' Oval LED Stop / Tail / Turn, Rear Turn and Back Up Lamps
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
LED Back Light
logo
BetLux Electronics
BL-ML23A882 BETLUX-BL-ML23A882 Datasheet
413Kb / 4P
60.96mm (2.3) LED dot matrix display.5mm Oval Type LED Lamps in dot matrix
REV NO: V.2
logo
LIGITEK electronics co....
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
BACK LIGHT
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
BACK LIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com