Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9823 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9823
Description  Programmable Multi-Function Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9823 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9823 Datasheet HTML 1Page - Time Electronics Ltd. 9823 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9823
Programmable Multi-Function Calibrator
• 0 – 1kV AC/DC Voltage
• 0 – 10AAC/DC Current
• 10Ω – 10MΩ Resistance
• 10 ppm / Year accuracy
• GPIB interface
• EasyCal 4 Software
10ppm/Year Accuracy
The outstanding accuracy and stability of the 9823 is
achieved by the use of two carefully selected and aged
zeners, averaged to produce a stable master reference.
The zeners are selected by computer from a burn-in rig
where they are temperature cycled and monitored for 5
months to find the optimum operating current for stability
and temperature coefficient. The reference is scaled to
the selected output voltage by matched sets of precision
hermetically sealed resistors. with tracking and tempera-
ture coefficient to better than 0.1 ppm/ºC.
Deviation and Offset
Digital deviation allows the output to be changed by up to
10% in 1 ppm steps. Errors can then be read off the dis-
play directly as a percentage. Offset store enables linear-
ity checking of meters with offset zeros without calcula-
tions
High Voltage Operation
Output voltages greater than 40 volts can only be se-
lected after pressing a safety interlock key. Once selected
there is a programmed 3 second delay, an audible warn-
ing bleep and a continuous flashing warning light on the
front panel.
Front Panel Recalibration
Recalibration from the front panel or over the GPIB bus
ensures fast, accurate recalibration of the 9823. Calibra-
tion can be performed in less than 20 minutes, without the
thermal errors created by removing covers. Calibration
constants are held in non-volatile memory. A simple ‘cal
key’ provides calibration security.
Introduction
GPIB Interface as Standard
The GPIB interface allows the 9823 to be connected to
a PC. The simple high level programming language
gives full control over the 9823 enabling repetitive cali-
bration work to be greatly speeded up. The PC requires
an optionally available GPIB interface card.
Self-Test and Error Detection
The 9823 software constantly monitors the output and
displays error messages on detection of a fault or over-
load condition. A self-test program can also be run to
check that key internal functions are operating correctly
and help with fault diagnosis.
1999999 full scale with 4% over-range
For accurate calibration of DMM’S the ranges of the
9823 have been designed to match the full scales of
most digital multimeters.
Six Wave Forms from 15 Hz to 20 kHz
The waveforms provided extend the capability of the
9823 to checking ‘RMS’ performance of multimeters,
linearity of chart recorders, and amplitude checked on
oscilloscopes.
EasyCal software - ISO 9000 compatible
A suite of programs available from Time Electronics.
Automatic calibration using a standard PC and the
9823 is possible and printed certificates to ISO 9000
standard are produced. A wide range of electrical and
electronic equipment can be calibrated with full details
of each being stored on the PC. Inventory management
is also possible so that instruments/equipment can be
recalled at predetermined intervals. Calibration job con-
trol is also provided.
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent. TN9 1RH
Telephone: 01732 355993
Fax: 01732 770312
E-Mail: mail@TimeElectronics.co.uk
Web Page: www.TimeElectronics.co.uk
V6 09/09/03


Similar Part No. - 9823

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9823 ALPHAWIRE-9823 Datasheet
407Kb / 4P
22 (19/34) AWG TC
logo
FIBOX Enclosing innovat...
9823000 FIBOX-9823000 Datasheet
51Kb / 1P
Mounting plate, for enclosures
13.01.2023
9823001 FIBOX-9823001 Datasheet
36Kb / 1P
Mounting plate, for enclosures
11.08.2023
9823002 FIBOX-9823002 Datasheet
36Kb / 1P
Mounting plate, for enclosures
11.08.2023
9823003 FIBOX-9823003 Datasheet
36Kb / 1P
Mounting plate, for enclosures
11.08.2023
More results

Similar Description - 9823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Keysight Technologies
U1401B KEYSIGHT-U1401B Datasheet
720Kb / 10P
Multi-function Calibrator/Meter
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com