Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9823 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9823
Description  Programmable Multi-Function Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9823 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9823 Datasheet HTML 1Page - Time Electronics Ltd. 9823 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
The accuracy specifications given below apply for a period of 1 year at a temperature of
20ºC ± 1ºC, after a minimum warmup period of 3 Hours relative to calibration standards.
Specifications describe maximum conditions and apply from 10% -100% of range. Speci-
fications stated in ppm and as ± output + ± range.
D.C. VOLTAGE
RANGE
24 HOUR
STABILITY
90 DAY
ACCURACY
180 DAY
1 YEAR
T.C.
ppmºC
OUTPUT
RESISTANCE
DRIVE
CURRENT
RESOLUTION
20mV
200mV
2V
20V
200V
1kV
4+2
3+2
1+1
1+1
10+10
10+10
5+2
5+2
5+2
5+2
20+10
20+15
7+2
7+2
7+2
7+2
25+10
25+15
10+2
10+2
10+2
10+2
30+10
30+15
4
3
2
2
4
4
10
Ω
10
Ω
0.1
Ω
0.1
Ω
10
Ω
10
Ω
S/C
S/C
100mA
100mA
10mA
10mA
20nV
200nV
2uV
20uV
200uV
2mV
Note : All specification ± 3uV. Nose : 20mV to 20V ranges = 0.3ppm of range. 200V to 1kV ranges = 5ppm of range (0.1Hz to 1Hz RMS)
A.C. VOLTAGE (Sine Wave)
RANGE
FREQUENCY
24 HOUR
STABILITY
90 DAY
ACCURACY %
180 DAY
1 YEAR
T.C.
ppm/ºC
OUTPUT
RESISTANCE
OUTPUT
CURRENT
20mV
200mV
2V
20V
40Hz -1kHz
1 - 2kHz
2 - 20kHz
0.008-0.005
0.02+0.02
0.05+0.03
0.02+0.005
0.06+0.02
0.25+0.05
0.025+0.005
0.07+0.02
0.35+0.05
0.03+0.005
0.08+0.02
0.4+0.05
15
10
Ω
10
Ω
0.1
Ω
0.1
Ω
SC
SC
100mA
100mA
200V
1kV
40-450Hz
0.02+0.005
0.035+0.01
0.04+0.01
0.05+0.01
15
10
Ω
10mA
Note : Frequency Accuracy ± 0.01%. T/C 20ppm/ºC, Resolution 5Hz, range 15Hz to 20kHz. Drive Current shown as peak values. All A.C. specification ± 30uV.
D.C. CURRENT
RANGE
24 HOUR
STABILITY
90 DAY
ACCURACY %
180 DAY
1 YEAR
T.C.
ppm/ºC
OUTPUT
RESISTANCE
DRIVE
CURRENT
RESOLUTION
200uA
2mA
20mA
200mA
2A
10A
10+5
10+5
10+5
10+5
25+20
0.02%+0.02%
30+10
30+10
30+10
30+10
60+30
0.04%+0.03%
40+10
40+10
40+10
40+10
70+30
0.06%+0.03%
50+10
50+10
50+10
50+10
100+30
0.07%+0.03%
8
8
8
8
15
30
10G
Ω
1G
Ω
100M
Ω
10M
Ω
1M
Ω
100k
Ω
15V
15V
15V
15V
5V
1.2V
200pA
2nA
20nA
200nA
2uA
20uA
Note : All specifications ± 30nA
A.C. CURRENT (20Hz to 1kHz Sine Wave)
RANGE
24 HOUR
STABILITY
90 DAY
ACCURACY %
180 DAY
1 YEAR
T.C.
ppm/ºC
OUTPUT
RESISTANCE
DRIVE
CURRENT
RESOLU-
TION
200uA
2mA
20mA
200mA
2A
10A
0.01+0.003
0.01+0.003
0.01+0.003
0.01+0.005
0.02+0.005
0.04+0.02
0.03+0.01
0.03+0.01
0.03+0.01
0.03+0.01
0.035+0.01
0.07+0.03
0.035+0.01
0.035+0.01
0.035+0.01
0.035+0.01
0.04+0.01
0.08+0.03
0.04+0.01
0.04+0.01
0.04+0.01
0.04+0.01
0.05+0.01
0.10+0.03
20
20
20
20
30
50
10G
Ω
1G
Ω
100M
Ω
10M
Ω
1M
Ω
100k
Ω
15V
15V
15V
15V
5V
1.2V
200pA
2nA
20nA
200nA
2uA
20uA
Note : All specifications ± 50nA. 2 & 10 Amp specifications to 500Hz.
RESISTANCE
VALUE
OHMS
24 HOUR
STABILITY
90 DAY
ACCURACY
180 DAY
1 YEAR
T.C.
ppm/ºC
10
100
1k
10k
100k
1M
10M
10
8
3
2
2
8
20
20
10
8
8
8
20
50
40
17
15
15
15
40
80
50
20
20
20
25
60
100
5
4
3
3
3
3
5
General Information
Power:
110V / 120V / 220V / 240V A.C. (± 5%) 50/60 Hz
Dimensions / Weight:
515 x 170 x 315 mm / 15kg
Ordering Information
Description
Order Code
10ppm Programmable Multi-Function Calibrator
9823
UKAS Calibration Certificate
9127
N.P.L. Traceable Calibration Certificate
9168
Notes :
A.C. Specifications include the effects of
nose and distortion in the 10Hz to 20kHz
frequency range.
4% over-range available on all ranges.
Voltage and current limits are stated as Peak
Values.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com