Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1268 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1268
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1268 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1268 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO1268
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1268• Rev. 1.5
THD
Total harmonic
distortion
f = 20 Hz to 20 kHz,
RL = 32 Ω, VSW = 1 VPP
4.2
25°C
0.02
%
Q
Charge injection select
input to common I/O
VG = 0 V, RS = 0 Ω, CL = 1 nF
4.2
25°C
4.0
pC
CON
Channel ON
capacitance
4.2
25°C
106
pF
Note:
(1) Specifications subject to change without notice.
Electrical Characteristics
All typical value are at VCC = 4.2 V, GND = 0 V, VIH = 1.6 V, VIL = 0.5 V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Temp
Min Typ Max
Unit
Power requirements
VCC
Power supply range
-40 to 85°C
1.6
4.2
V
ICC
Quiescent supply
current
VIN = 0 V or VCC
4.2
-40 to 85°C
500
nA
ICCT
Increase in ICC per
input
Input at 2.6 V
4.2
-40 to 85°C
5
µA
Input at 1.6 V
15
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com