Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1268 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1268
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1268 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1268 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1268 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.5
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1268• Rev. 1.5
DIO1268
Ultra Low On-Resistance Dual, SPDT Analog Switch
Features
Switch type: SPDT (2X)
Voltage operation: 1.6 V to 4.2 V
Ultra-low on resistance: 0.75 Ω at 4.2 V
-3dB bandwidth: 75 MHz
High off-isolation: -78 dB at 100 kHz
Low crosstalk: -100 dB at 100 kHz
Excellent on resistance matching: 0.03 Ω
Low total harmonic distortion (THD)
Rail-to-rail input and output operation
Break-before-make switching
Green packages:
QFN1.4*1.8-10, QFN1.5*2.0-10
±5 kV HBM ESD
Applications
Cell-Phone/PDA
MP3/MP4/PMP
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
The DIO1268 is a dual Single-Pole, Double-Throw
(SPDT) analog switch. DIO1268 operates from a
single 1.6 V to 4.2 V supply and features an
ultra-low on resistance of 0.75 Ω at a 4.2 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1268 guarantees 0.03 Ω on-resistance
matching between switches, on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. The DIO1268 consists of two normally
open and two normally close switches.
The DIO1268 provides packages with Green
QFN1.4*1.8-10, QFN1.5*2.0-10.
Block Diagram
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO1268LP10
YWGA
1
Green
-40 to 85°C
QFN1.4*1.8-10
Tape & Reel, 3000
DIO1268QN10
YWGA
1
Green
-40 to 85°C
QFN1.5*2.0-10
Tape & Reel, 3000


Similar Part No. - DIO1268

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1266 DIOO-DIO1266 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1266B DIOO-DIO1266B Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266BWL12 DIOO-DIO1266BWL12 Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266WL12 DIOO-DIO1266WL12 Datasheet
1Mb / 10P
Load Switch
Rev 1.3
DIO1269 DIOO-DIO1269 Datasheet
483Kb / 11P
Audio Capability
Rev 1.5
More results

Similar Description - DIO1268

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com