Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1269 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1269
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1269 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1269 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO1269
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1269• Rev. 1.5
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Rating
Unit
Supply Voltage
(VCC)
-0.5 to 5.5
V
Switch I/O Voltage (NC, NO, COM Pins)
-2 to 5.5
V
Control Input Voltage (S1,S2 Pins)
-0.5 to (V+)+0.3
V
Switch I/O Current
(Continuous)
350
mA
Peak Switch Current (Pulsed at 1ms Duration,<10 Duty Circle)
500
mA
Storage Temperature Range (TSTG)
-65 to 150
°C
Junction Temperature
150
°C
Lead Temperature Range
260
°C
MSL (Moisture Sensitivity Level, JEDEC J-STD-020A)
1
ESD
HBM, JEDEC: JESD22-A114
8
kV
CDM, JEDEC : JESD22-C101
2
Note: Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to
the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
Supply Voltage
2.7 to 5.25
V
Control Input Voltage (S1,S2 Pins)
0 to VCC
V
Switch I/O Voltage (NC, NO, COM Pins)
-2 to VCC
V
Operating Temperature Range
-40 to 85
°C
Note: For 5V operation, SEL frequency (pins S1 & S2) should not exceed 100Hz and 50ns edge rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com