Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1269 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1269
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1269 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1269 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1269 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DIO1269
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1269• Rev. 1.5
Electrical Characteristics (continued)
DYNAMIC CHARACTERISTICS
ton
Turn on time
NO/NC =1.5V, RL =50Ω, CL =35pF,
VCC =2.7 to 4.5V
3
µs
toff
Turn off time
NO/NC =1.5V, RL =50Ω, CL =35pF,
VCC =2.7 to 4.5V
0.7
µs
tBBM
Break
before
make
time
NO/NC =1.5V, RL =50Ω, CL =35pF,
VCC =3.6 to 4.5V
3
µs
NO/NC =1.5V, RL =50Ω, CL =35pF,
VCC =2.7to 3.6V
5
Q
Charge Injection
CL =1.0nF, VS=0V, RS=0Ω, VCC =2.7 to 4.5V
25
pC
OIRR
Off Isolation
f =100kHz, RL =50Ω, CL =0pF, VCC =2.7 to 4.5V
-70
dB
XTALK
Crosstalk
f =100kHz, RL =50Ω, CL =0pF, VCC =2.7 to 4.5V
-70
dB
BW
-3dB bandwidth
RL =50Ω, CL =0pF, VCC =2.7 to 4.5V
180
MHz
THD
Total Harmonic
Distortion
f =20Hz to 20kHz, RL =32Ω, VIN =2Vpp,VBIAS =0V
VCC =2.7 to 5V
0.006
%
CIN
Control input
capacitance
f =1MHz, VCC =0V
2.5
pF
COFF
Off capacitance
f =1MHz, VCC =3.3V
30
pF
CON
On capacitance
f =1MHz, VCC =3.3V
120
pF
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com