Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1280 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1280
Description  Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1280 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1280 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO1280
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1280• 2.4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Rating
Unit
VIN
V_IN to GND
-30 to 30
V
VOUT
V_OUT to GND
-0.3 to VIN+0.3
V
VOVLO
OVLO to GND
-0.3 to 30
V
V#EN_ACOK
Maximum DC Voltage Allowed on #EN or ACOK Pin
6
V
IIN
Switch I/O Current (Continuous)
4.5
A
tPD
Total Power Dissipation at TA=25
℃
1.48
W
TSTG
Storage Temperature Range
-65 to 150
℃
TJ
Maximum Junction Temperature
150
℃
TL
Lead Temperature (Soldering, 10 Seconds)
260
℃
θJA
Thermal Resistance, Junction-to-Ambient
84.1
℃/W
ESD
IEC 61000-4-2 System ESD
Air Gap
15.0
kV
Contact
8.0
Surge
IEC 61000-4-5, Surge Protection
VIN
100
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them
or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min
Typ.
Max
Unit
VIN
Supply Voltage
2.5
25
V
TA
Operating Temperature
-40
85
℃
IOUT
Output Current
3
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com