Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1280 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1280
Description  Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1280 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1280 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO1280
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1280• 2.4
tOFF
Switch Turn-Off Time(Note 1)
RL=100Ω, CL=0µF, VIN>VOVLO to
VOUT=0.8 x VIN
80
125
200
ns
Specifications subject to change without notice.
Note 1: guaranteed by characterization under room temperature.
Timing Diagrams:
tSTART
Figure 3
Timing for Power Up and Normal Operation
VOVLO
VIN
VOUT
#ACOK
tSTART
tOFF
Measure @
OVLO_Rising
VOUT=0.8 VIN
tSART
Figure 4
Timing for OVLO Trip



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com