Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032C Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58MR032C Datasheet HTML 4Page - STMicroelectronics M58MR032C Datasheet HTML 5Page - STMicroelectronics M58MR032C Datasheet HTML 6Page - STMicroelectronics M58MR032C Datasheet HTML 7Page - STMicroelectronics M58MR032C Datasheet HTML 8Page - STMicroelectronics M58MR032C Datasheet HTML 9Page - STMicroelectronics M58MR032C Datasheet HTML 10Page - STMicroelectronics M58MR032C Datasheet HTML 11Page - STMicroelectronics M58MR032C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
M58MR032C, M58MR032D
8/52
Table 7. Read Protection Register (RSIG and RCFI Instruction) (1)
Note: 1. Addresses are latched on the rising edge of L input.
2. X = Don’t care.
Table 8. Dual Bank Operations (1, 2, 3)
Note: 1. For detailed description of command see Table 33 and 34.
2. There is a status register for each bank; status register indicates bank state, not P/E.C. status.
3. Command must be written to an address within the block targeted by that command.
Word
E
G
W
A20-17
ADQ15-8
ADQ7-0
ADQ15-8
ADQ7-3
ADQ2
ADQ1
ADQ0
Lock
VIL
VIL
VIH
X (2)
X (2)
80h
00h
00000B
Security
prot.data
OTP
prot.data
0
Unique
ID 0
VIL
VIL
VIH
X (2)
X (2)
81h
ID data
ID data
ID data
ID data
ID data
Unique
ID 1
VIL
VIL
VIH
X (2)
X (2)
82h
ID data
ID data
ID data
ID data
ID data
Unique
ID 2
VIL
VIL
VIH
X (2)
X (2)
83h
ID data
ID data
ID data
ID data
ID data
Unique
ID 3
VIL
VIL
VIH
X (2)
X (2)
84h
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
X (2)
X (2)
85h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 1
VIL
VIL
VIH
X (2)
X (2)
86h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 2
VIL
VIL
VIH
X (2)
X (2)
87h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
OTP 3
VIL
VIL
VIH
X (2)
X (2)
88h
OTP data
OTP
data
OTP
data
OTP
data
OTP
data
Status of one
bank
Commands allowed in the other bank
Read
Array
Read
Status
Read
ID/CFI
Program
Erase/
Erase
Resume
Program
Suspend
Erase
Suspend
Protect
Unprotect
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Reading
––––
––––
Programming
Yes
Yes
Yes
Yes
Erasing
Yes
Yes
Yes
Yes
Program
Suspended
Yes
Yes
Yes
Yes
Erase
Suspended
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com