Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR032C Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58MR032C
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032C Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58MR032C Datasheet HTML 22Page - STMicroelectronics M58MR032C Datasheet HTML 23Page - STMicroelectronics M58MR032C Datasheet HTML 24Page - STMicroelectronics M58MR032C Datasheet HTML 25Page - STMicroelectronics M58MR032C Datasheet HTML 26Page - STMicroelectronics M58MR032C Datasheet HTML 27Page - STMicroelectronics M58MR032C Datasheet HTML 28Page - STMicroelectronics M58MR032C Datasheet HTML 29Page - STMicroelectronics M58MR032C Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
M58MR032C, M58MR032D
26/52
Table 20. Device Geometry Definition
Offset Word
Mode
Data
Description
Value
27h
0016h
Device Size = 2n in number of bytes
4 MByte
28h
29h
0001h
0000h
Flash Device Interface Code description
x16
Async.
2Ah
2Bh
0003h
0000h
Maximum number of bytes in multi-byte program or page = 2n
8 Byte
2Ch
0003h
Number of Erase Block Regions within the device
bit 7 to 0 = x = number of Erase Block Regions
It specifies the number of regions within the device containing one or more
contiguous Erase Blocks of the same size.
3
2Dh
2Eh
002Fh
0000h
Region 1 Information (main block - Bank B)
Number of identical-size erase block = 002Fh+1
48
2Fh
30h
0000h
0001h
Region 1 Information (main block - Bank B)
Block size in Region 1 = 0100h * 256 byte
64 KByte
31h
32h
000Eh
0000h
Region 2 Information (main block - Bank A)
Number of identical-size erase block = 000Eh+1
15
33h
34h
0000h
0001h
Region 2 Information (main block - Bank A)
Block size in Region 2 = 0100h * 256 byte
64 KByte
35h
36h
0007h
0000h
Region 3 Information (parameter block - Bank A)
Number of identical-size erase block = 0007h+1
8
37h
38h
0020h
0000h
Region 3 Information (parameter block - Bank A)
Block size in Region 3 = 0020h * 256 byte
8 KByte
2Dh
2Eh
0007h
0000h
Region 1 Information (parameter block - Bank A)
Number of identical-size erase block = 0007h+1
8
2Fh
30h
0020h
0000h
Region 1 Information (parameter block - Bank A)
Block size in Region 1 = 0020h * 256 byte
8 KByte
31h
32h
000Eh
0000h
Region 2 Information (main block - Bank A)
Number of identical-size erase block = 000Eh+1
15
33h
34h
0000h
0001h
Region 2 Information (main block - Bank A)
Block size in Region 2 = 0001h * 256 byte
64 KByte
35h
36h
002Fh
0000h
Region 3 Information (parameter block - Bank B)
Number of identical-size erase block = 002Fh+1
48
37h
38h
0000h
0001h
Region 3 Information (parameter block - Bank B)
Block size in Region 3 = 0001h * 256 byte
64 KByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com