Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1510SC6 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1510SC6
Description  Handling Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1510SC6 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1510SC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1510SC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO1510
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1510• Rev. 1.5
Electrical Characteristics
All typical value are at VCC = 4.5 V, TA = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC
Temp
Min Typ Max Unit
Power requirements
VCC
Power supply
range
-40 to 85°C 1.65
5.85
V
ICC
Quiescent supply
current
VIN = 0 V or VCC
4.5 V
-40 to 85°C
146
nA
ICCT
Increase in ICC
per input
Input at 2.6 V
4.5 V
-40 to 85°C
0.8
µA
Input at 1.8 V
1.5
Analog switch characteristics
RON
On-resistance
VNO, VNC, or VCOM = 0.7 V,
ICOM = 100 mA
4.5 V
25°C
0.4
Ω
-40 to 85°C
0.5
Ω
RFLAT(ON)
On-resistance
flatness
0 V ≤ VNO or VNC ≤ VCC,
ICOM = 100 mA
4.5 V
25°C
0.04
0.05
Ω
-40 to 85°C
0.1
Ω
INC(OFF),
INO(OFF)
Source OFF
leakage current
VNC/VCOM = (VCC - 0.5) / (VCC - 5.5 + 0.5)
VNO/VCOM = (VCC - 0.5) / (VCC - 5.5 + 0.5)
4.5 V
-40 to 85°C
100
nA
INC(ON),
INO(ON)
Channel ON
leakage current
VNC/VCOM = (VCC - 0.5) / (VCC - 5.5 + 0.5)
VNO/VCOM = (VCC - 0.5) / (VCC - 5.5 + 0.5)
4.5 V
-40 to 85°C
100
nA
IOFF
Power OFF
current
0 V
-40 to 85°C
80
nA
Digital inputs
VINH
Input high
voltage
5 V
-40 to 85°C
1
V
4.5 V
0.95
3.6 V
0.89
1.8 V
0.73
VINL
Input low voltage
5 V
-40 to 85°C
0.65
V
4.5 V
0.62
3.6 V
0.57
1.8 V
0.4
Dynamic characteristics
tON
Turn-on time
VIN = 1.5 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or VNC2 = 1.5 V
25°C
1.22
µs
tOFF
Turn-off time
VIN = 1.5 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or VNC2 = 1.5 V
25°C
90
ns
tD
Break-before-
make time delay
VIN = 1.5 V to 0V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or VNC2 = 1.5 V
25°C
1.18
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com