Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1510SC6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1510SC6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1510SC6
Download  DIO1510SC6 Download
File Size   1113.3 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Handling Capability

DIO1510SC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1510SC6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1510SC6
Download  DIO1510SC6 Click to download

File Size   1113.3 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Handling Capability

DIO1510SC6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1510SC6 Product details

Features
 Switch type: SPDT
 Voltage operation: 1.65 V to 5.85 V
 Ultra-low on resistance: 0.4 Ω at 4.5 V
 -3dB bandwidth: 140 MHz
 High off-isolation: -75 dB at 100 kHz
 Excellent on resistance flatness: 0.04 Ω
 Low total harmonic distortion (THD):
0.01% at VSW = 1 VPP, RL = 32 Ω
 All switch I/O ports are high impedance
with no leakage current, when VCC = 0 V
 Break-before-make switching
 Input/output is isolated when powered off
 Green package: SC70-6
 ±8 kV HBM ESD
Applications
 Cell-phone/PDA
 MP3/MP4/PMP
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
The DIO1510 is a Single-Pole, Double-Throw
(SPDT) analog switch. The DIO1510 operates
from a single 1.65 V to 5.85 V supply and features
an ultra-low on resistance of 0.4 Ω at a 4.5 V
supply and TA = 25°C. This device is fabricated
with sub-micron CMOS technology to achieve
fast switching speeds and is designed for
break-before-make operation.
The DIO1510 guarantees on-resistance flatness
over the signal range, high off-isolation and low
crosstalk, which ensures excellent linearity and
low distortion when switching audio signals. The
DIO1510 consists of normally open and normally
close switches.
The DIO1510 is available in a package with
SC70-6.




Similar Part No. - DIO1510SC6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1521 DIOO-DIO1521 Datasheet
1Mb / 12P
2-Channel Exchange Switch
Oct 2024
More results


Similar Description - DIO1510SC6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
logo
Ohmite Mfg. Co.
RES-IS OHMITE-RES-IS Datasheet
398Kb / 2P
Pulse handling capability
logo
TT Electronics.
PPS-1 TTELEC-PPS-1 Datasheet
473Kb / 3P
Superior surge handling capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com