Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520LP10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1520LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1520LP10
Download  DIO1520LP10 Download
File Size   1595.35 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1520LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1520LP10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520LP10
Download  DIO1520LP10 Click to download

File Size   1595.35 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1520LP10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1520LP10 Product details

Features
 Switch type: SPDT (2X)
 Voltage operation: 1.65 V to 5.85 V
 Ultra-low on resistance: 0.7 Ω at 3 V
 -3 dB bandwidth: 300 MHz
 High off-isolation: -95 dB at 1 kHz
 Low crosstalk: -95 dB at 1 kHz
 Excellent on resistance matching: 0.02 Ω
 Low total harmonic distortion (THD):
0.024% at VSW = 2 VPP, RL = 32 Ω
 All switch I/O ports are high impedance
with no leakage current, when VCC = 0 V
 Break-before-make switching
 Green packaged: QFN1.4*1.8-10
 ±8 kV HBM ESD
Applications
 Cell-phone/PDA
 MP3/MP4/PMP
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
The DIO1520 is a dual Single-Pole, Double-Throw
(SPDT) analog switch. The DIO1520 operates
from a single 1.65 V to 5.85 V supply and features
an ultra-low on resistance of 0.7 Ω at a 3 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speed and is designed for
break-before-make operation.
The DIO1520 guarantees 0.02 Ω on-resistance
matching between switches, on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. The DIO1520 consists of two normally
open and two normally close switches.
The DIO1520 provides the Green package with
10-lead QFN.




Similar Part No. - DIO1520LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
More results


Similar Description - DIO1520LP10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com