Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520LP10 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520LP10
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1520LP10 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1520LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 2.7
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1520• Rev. 2.7
DIO1520
0.7 Ω, Ultra-Low On-Resistance Dual, SPDT Analog Switch
Features
Switch type: SPDT (2X)
Voltage operation: 1.65 V to 5.85 V
Ultra-low on resistance: 0.7 Ω at 3 V
-3 dB bandwidth: 300 MHz
High off-isolation: -95 dB at 1 kHz
Low crosstalk: -95 dB at 1 kHz
Excellent on resistance matching: 0.02 Ω
Low total harmonic distortion (THD):
0.024% at VSW = 2 VPP, RL = 32 Ω
All switch I/O ports are high impedance
with no leakage current, when VCC = 0 V
Break-before-make switching
Green packaged: QFN1.4*1.8-10
±8 kV HBM ESD
Applications
Cell-phone/PDA
MP3/MP4/PMP
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
The DIO1520 is a dual Single-Pole, Double-Throw
(SPDT) analog switch. The DIO1520 operates
from a single 1.65 V to 5.85 V supply and features
an ultra-low on resistance of 0.7 Ω at a 3 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching
speed
and
is
designed
for
break-before-make operation.
The DIO1520 guarantees 0.02 Ω on-resistance
matching between switches, on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. The DIO1520 consists of two normally
open and two normally close switches.
The DIO1520 provides the Green package with
10-lead QFN.
Block Diagram
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO1520LP10
YW5Z
1
Green
-40 to 85°C
QFN1.4*1.8-10
Tape & Reel, 3000


Similar Part No. - DIO1520LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
More results

Similar Description - DIO1520LP10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com