Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520LP10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520LP10
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1520LP10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1520LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1520LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO1520
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1520• Rev. 2.7
tOFF
Turn-off time
VIN = 2.1 V to 0 V, RL= 50 Ω,
CL = 35 pF, VNO1 or VNO2 or
VNC2 = 2.1 V
25°C
100
ns
tD
Break-before-make
time delay
VIN = 2.1 V to 0 V, RL= 50 Ω,
CL = 35 pF, VNO1 or VNO2 or VNC2 =
2.1 V
25°C
1.3
µs
BW
-3 dB bandwidth
RL = 50 Ω, CL = 0 pF
25°C
300
MHz
OISO
Off-isolation
f = 1 kHz, RL= 32 Ω, VSW = 4 VPP
25°C
-95
dB
f = 10 kHz, RL = 32 Ω, VSW = 4VPP
25°C
-80
dB
XTALK
Channel-to-channel
crosstalk
f = 1 kHz, RL= 32 Ω
25°C
-95
dB
f = 10 kHz, RL = 32 Ω
25°C
-85
dB
THD
Total harmonic
distortion
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 2 VPP
4.5
25°C
0.024
%
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 4 VPP
3.5
25°C
0.050
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 6 VPP
2.5
25°C
0.170
CON
On capacitance
f = 1 MHz, switch on
3.6
25°C
50
pF
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com