Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520B Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1520B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1520B
Download  DIO1520B Download
File Size   1589.67 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1520B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1520B Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520B
Download  DIO1520B Click to download

File Size   1589.67 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switch

DIO1520B Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1520B Product details

Features
 Switch type: SPDT
 Voltage operation: 1.65 V to 5.85 V
 Ultra-low on resistance: 0.7 Ω at 3 V
 -3 dB bandwidth: 300 MHz
 High off-isolation: -95 dB at 1 kHz
 Low total harmonic distortion (THD):
0.024% at VSW = 2VPP, RL = 32 Ω
 All switch I/O ports are high impedance
with no leakage current, when VCC = 0 V
 Break-before-make switching
 Green packaged: QFN1.4*1.8-10
 ±8 kV HBM ESD
Applications
 Cell-phone/PDA
 MP3/MP4/PMP
 Portable instrumentation
 Battery powered communications
 Computer peripherals
Descriptions
The DIO1520B is a Single-Pole, Double-Throw
(SPDT) analog switch.The DIO1520B operates
from a single 1.65 V to 5.85 V supply and features
an ultra-low on resistance of 0.7 Ω at a 3 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1520B guarantees great on-resistance
flatness over the signal range and high
off-isolation, which ensures excellent linearity
and low distortion when switching audio signals.
The DIO1520B provides packages with Green
QFN1.4*1.8-10.




Similar Part No. - DIO1520B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
More results


Similar Description - DIO1520B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com