Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520B Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520B
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1520B Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1520B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.2
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1520B• Rev. 1.2
DIO1520B
0.7 Ω, Ultra-Low On-Resistance SPDT Analog Switch
Features
Switch type: SPDT
Voltage operation: 1.65 V to 5.85 V
Ultra-low on resistance: 0.7 Ω at 3 V
-3 dB bandwidth: 300 MHz
High off-isolation: -95 dB at 1 kHz
Low total harmonic distortion (THD):
0.024% at VSW = 2VPP, RL = 32 Ω
All switch I/O ports are high impedance
with no leakage current, when VCC = 0 V
Break-before-make switching
Green packaged: QFN1.4*1.8-10
±8 kV HBM ESD
Applications
Cell-phone/PDA
MP3/MP4/PMP
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
The DIO1520B is a Single-Pole, Double-Throw
(SPDT) analog switch.The DIO1520B operates
from a single 1.65 V to 5.85 V supply and features
an ultra-low on resistance of 0.7 Ω at a 3 V supply
and TA = 25°C. This device is fabricated with
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
The DIO1520B guarantees great on-resistance
flatness over the signal range and high
off-isolation, which ensures excellent linearity
and low distortion when switching audio signals.
The DIO1520B provides packages with Green
QFN1.4*1.8-10.
Block Diagram
Ordering Information
Order Part No. Top Marking
MSL
RoHS
TA
Package
DIO1520BLP10
YWXZ
1
Green
-40 to 85°C
QFN1.4*1.8-10
Tape & Reel, 3000


Similar Part No. - DIO1520B

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520LP10 DIOO-DIO1520LP10 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
More results

Similar Description - DIO1520B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com