Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1520B Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520B
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1520B Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1520B Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1520B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO1520B
www.dioo.com
© 2024 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1520B• Rev. 1.2
BW
-3dB bandwidth
RL = 50 Ω, CL = 0 pF
300
MHz
OISO
Off isolation
f = 1 kHz, RL = 32 Ω, VSW = 4VPP
-95
dB
f = 10 kHz, RL = 32 Ω, VSW = 4VPP
-80
dB
THD
Total harmonic
distortion
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 2VPP
4.5
0.024
%
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 4VPP
3.5
0.050
f = 20 Hz to 20 kHz, RL = 32 Ω,
VSW = 6VPP
2.5
0.170
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com