Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1713CS16 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1713CS16
Description  SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1713CS16 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1713CS16 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO1713
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1713• Rev. 1.4
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Parameter
Rating
Unit
VDD to GND
-0.3 to 6
V
Analog, digital inputs
-0.3 to VDD + 0.3
or 30 mA, whichever occurs first
V
Continuous current, S or D
30
mA
Peak current, S or D
100
mA
Operating temperature tange
-40 to 105
°C
Storage temperature range
-65 to 150
°C
Junction temperature
150
°C
Power dissipation
TSSOP-16
430
mW
Thermal impedance
TSSOP-16
ΘJA
150
°C/W
ΘJC
27
°C/W
Power dissipation
SOP-16
520
mW
Thermal impedance
SOP-16
ΘJA
125
°C/W
ΘJC
42
°C/W
ESD
HBM
±7.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com