Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1713CS16 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1713CS16
Description  SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1713CS16 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1713CS16 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1713CS16 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIO1713
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1713• Rev. 1.4
IINL / IINH
Input current
VIN = VINL or VINH
25
±0.005
μA
-40 to 105
-0.1
0.1
Dynamic characteristics
tON
RL = 300 Ω, CL = 35 pF, VS = 2 V
25
20
ns
-40 to 105
35
tOFF
RL = 300 Ω, CL = 35 pF, VS = 2 V
25
7
ns
-40 to 105
15
Charge injection
VS = 1.5 V, CL = 1 nF
25
25
pC
OIRR
Off isolation
RL = 50 Ω, CL = 5 pF, f = 10 MHz
25
-53
dB
RL = 50 Ω, CL = 5 pF, f = 1 MHz
25
-70
Channel-to-channel
crosstalk
RL = 50 Ω, CL = 5 pF, f = 10 MHz
25
-60
dB
BW
Bandwidth -3dB
RL = 50 Ω, CL = 5 pF
25
200
MHz
CS
25
10
pF
CD
25
10
pF
CD, CS (On)
25
22
pF
Power requirements
IDD
VDD = 3.3 V,
Digital inputs = 0 V or 3 V
25
0.001
μA
-40 to 105
1.0
Note:
(1) Specifications subject to change without notice.
Test Circuits
Figure 2. On resistance
Figure 3. Off leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com