Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CM8 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CM8
Description  Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2140CM8 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2140CM8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2140CM8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DIO2140
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO2140• Rev. 1.5
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
In active mode
-0.3 to 6
V
In SHDN mode
-0.3 to 7
VI
Input voltage
-0.3 to VDD + 0.3
V
TA
Operating free-air temperature
-40 to 85
°C
TSTO
Storage temperature
-65 to 150
°C
Lead temperature rating
260
°C
ESD
HBM
6
kV
θJA
Package thermal
resistance
DFN-8
47.9
°C/W
MSOP-8
180
θJC
Thermal Resistance
MSOP-8
75
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. Does not Recommend exceeding them or
designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Power supply voltage
In package MSOP and DFN,
4 Ω load
2.5
5.5
V
TA
Operating ambient temperature
-40
85
°C
VIH
High-level input voltage
SHDN
1.3
VDD
V
VIL
Low-level input voltage
SHDN
0
0.35
V
RI
Input resistance
Gain ≤ 20 V/V (26 dB)
15
kΩ
VIC
Common mode input voltage
range
VDD = 2.5 V, 5.5 V,
CMRR ≤ -49 dB
0.5
VDD - 0.8
V
TJ
Junction temperature range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com