Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2140CM8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2140CM8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2140CM8
Download  DIO2140CM8 Download
File Size   1309.85 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Amplifier

DIO2140CM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2140CM8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2140CM8
Download  DIO2140CM8 Click to download

File Size   1309.85 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Audio Amplifier

DIO2140CM8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2140CM8 Product details

Features
 Maximum output: > 2.5 W, output under 4 Ω
load
 Distortion rate (THD):
0.05% (VDD = 5.0 V, PO = 1 W)
 High efficiency up to 83% at 400 mW
 Filter-free Class-D architecture
 Needs only three external components
 Short circuit protection function
 Thermal shutdown function
 Under voltage lockout function
 Green package: DFN-8 and MSOP-8
Applications
 Wireless or cellular handsets and PDAs
 Personal navigation devices
 General portable audio devices
Descriptions
The DIO2140 is a 2.8 W high-efficiency filter-free
Class-D audio amplifier, which needs only three
external components. Its optimized PWM output
stage eliminates the LC output filter.
The DIO2140 features its filter-free Class-D
architecture, which leads to a reduction of
peripheral components amount, PCB board area,
and system cost. And high efficiency of up to
90% makes it suitable for cell phones and other
mobile device applications.
Moreover, the DIO2140 is also equipped with
protection functions, such as a short circuit
protection function for the speaker output
terminal, thermal shutdown function for inside of
the device, and under voltage lockout.




Similar Part No. - DIO2140CM8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2172 DIOO-DIO2172 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
DIO2172TST8 DIOO-DIO2172TST8 Datasheet
598Kb / 8P
RRIO 10 MHz Amplifier
Rev 1.2
DIO2186 DIOO-DIO2186 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
DIO2186ASC6 DIOO-DIO2186ASC6 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
DIO2186AST5 DIOO-DIO2186AST5 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
More results


Similar Description - DIO2140CM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA641 FAIRCHILD-TBA641 Datasheet
356Kb / 6P
AUDIO AMPLIFIER
logo
List of Unclassifed Man...
AMIS-14935 ETC2-AMIS-14935 Datasheet
1Mb / 9P
Audio Amplifier
logo
JILIN SINO-MICROELECTRO...
TIP35C JSMC-TIP35C Datasheet
329Kb / 4P
Audio amplifier
TIP36C JSMC-TIP36C Datasheet
327Kb / 4P
Audio amplifier
logo
Analog Devices
SSM3515 AD-SSM3515_17 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
STMicroelectronics
BC287 STMICROELECTRONICS-BC287 Datasheet
91Kb / 4P
AUDIO AMPLIFIER
Jan-1989
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
List of Unclassifed Man...
BC286 ETC-BC286 Datasheet
112Kb / 2P
AUDIO AMPLIFIER
JANUARY 1989
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com