Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2172 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2172 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2172
Download  DIO2172 Download
File Size   598.42 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description RRIO 10 MHz Amplifier

DIO2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2172 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2172
Download  DIO2172 Click to download

File Size   598.42 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description RRIO 10 MHz Amplifier

DIO2172 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2172 Product details

Features
 Rail-to-rail input and output
 0.8 mV typical offset (VOS)
 Low distortion
 Gain bandwidth product: 10 MHz
 Wide supply range: 3.0 V to 5.5 V
 3 mA per channel/amp typical supply current
at V+ = 5 V
 Slew rate: 7.0 V/μs
 DIO2172 available in TSOT23-8
Applications
 Portable equipment
 Active filters
 Data acquisition
 Portable equipment
 Test equipment
 Broadband communication
 Process control
 Audio and video processing
Descriptions
The DIO2172 is a dual channel, rail-to-rail I/O
operational amplifier which allows low load
impedance to be driven. With a 10 MHz unity-gain
frequency and low noise, low distortion and high
output current capability, the DIO2172 provides
excellent choice for high quality systems. The
input common-mode voltage range includes
ground, and the typical input offset voltage is 0.8
mV. They are also capable of comfortably driving
large capacitive loads.
The DIO2172 is offered in Green package and ESD
(HBM) exceeds 4 kV. It is specified over the
extended -40 to 125°C.




Similar Part No. - DIO2172

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2140 DIOO-DIO2140 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2140CD8 DIOO-DIO2140CD8 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2140CM8 DIOO-DIO2140CM8 Datasheet
1Mb / 12P
Audio Amplifier
Rev 1.5
DIO2186 DIOO-DIO2186 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
DIO2186ASC6 DIOO-DIO2186ASC6 Datasheet
3Mb / 25P
Current Sense Amplifier
Apr 2026
More results


Similar Description - DIO2172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
130 MHz, 1.25 mA RRIO Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
TLV9062-Q1 TI1-TLV9062-Q1_V03 Datasheet
2Mb / 37P
TLV906x-Q1 Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com