Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2172 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2172
Description  RRIO 10 MHz Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2172 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2172 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIO2172
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO2172• Rev 1.2
- 3 -
Electrical Characteristics
Typical value: V+ = 5 V/3.3 V, VCM = V+/2, RL = 600 Ω, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristic
VOS
Input offset voltage
-40°C ≤ TA ≤ 125°C, V+ = 3.3 V to 5 V
-5
0.8
5
mV
IB
Input bias current
-40°C ≤ TA ≤ 125°C, V+ = 3.3 V to 5 V
10
pA
IOS
Input offset current
-40°C ≤ TA ≤ 125°C, V+ = 3.3 V to 5 V
1
pA
VCM
Common mode voltage range
-0.1
(V+)
+0.1
V
CMRR
Common mode rejection ratio
-40°C ≤ TA ≤ 125°C,
VCM = -0.1 to (V+) +0.1, V+ = 5 V
75
90
dB
AOL(1)
Open loop voltage gain
RL = 600 Ω, Vo = 0.1 to (V+) -0.1
100
130
dB
∆VOS/∆T
Input offset voltage drift
-40°C ≤ TA ≤ 125°C
2
µV/°C
Output characteristics
Output voltage swing from rail
RL = 600 Ω, -40°C ≤ TA ≤ 125°C
0.1
V
RL = 10 kΩ, -40°C ≤ TA ≤ 125°C
0.015
IOUT
Output current
V+ = 5 V
220
260
mA
V+ = 3.3 V
150
170
Closed loop output impedance
f = 1 MHz, G = +1, V+ = 5 V
1.6
Ω
f = 1 MHz, G = +1, V+ = 2.5 V
4.2
Power supply
PSRR
Power supply rejection ratio
75
110
dB
IS
Supply current per channel/amp
V+ = 5 V , -40°C ≤ TA ≤ 125°C
2.2
3.0
3.9
mA
V+ = 3.3 V , -40°C ≤ TA ≤ 125°C
1.5
2.2
3.2
Dynamic performance
GBP
Gain bandwidth product
10
MHz
SR
Slew rate
G = 1, 2 V output step
7.0
V/µs
tS
Settling time
G = 1, 2 V output step
0.25
µs
Noise performance
THD
Total harmonic distortion
f = 10 kHz, 2 V output step,
RL = 600 Ω, V+ = 5 V
0.04
%
en
Voltage noise density
f = 1 kHz, V+ = 5 V
28
nV/√Hz
f = 10 kHz, V+ = 5 V
20
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com