Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2172 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2172
Description  RRIO 10 MHz Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2172 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2172 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2172 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIO2172
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO2172• Rev 1.2
- 4 -
Typical Performance Characteristics
All typical value are at V+ = 5 V, RL = 600 Ω, TA = 25°C, unless otherwise specified.
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130
1
2
3
4
Supply Current Vs. Temperature (Per Channel)
Temperature (
C)
V+=5.0V
0
1
2
3
4
5
0
1
2
3
4
5
6
Quiescent Current vs. Supply Voltage (Two Channel)
Supply Voltage (V)
Figure 2. Supply current vs. Temperature (per channel)
Figure 3. Quiescent current vs. Supply voltage (two channel)
0
50
100
150
200
250
0
1
2
3
4
5
VOH Vs. Output Current
Output Current(mA)
1
10
100
10
100
1000
Input Voltage Noise Spectral Density Vs. Frequency
Frequency (kHz)
V+=5V
Figure 4. VOH vs. Output current
Figure 5. Input voltage noise spectral density vs. Frequency
0.1
1
10
1E-4
1E-3
0.01
0.1
1
THD+N Ration
Frequency (kHz)
V+=5V,
OUT=2Vpp
RL=600Ω
Figure 6. THD+N ratio
Figure 7. Small-signal step response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com