Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
8
8. Function Description
The DIO2186 is a bidirectional and high-precision voltage output current sense amplifier. It can be used as
high side or low side current monitor in automotive electronics. The DIO2186 sense drops across RShunt
independent of the supply voltage. This device supports common-mode inputs from -2 V to 40 V, making it
ideal for current sensing of inductive loads in automotive applications.
8.1. High-precision current measurement
The DIO2186 enables precise current measurements across an extensive dynamic range. Its high
measurement accuracy stems from its excellent low gain error and offset performance. The low offset
feature of DIO2186 is beneficial for enhancing accuracy under light-load conditions—scenarios where
when VIN+ approaches VIN–. Additionally, the low offset voltage offers another advantage: it allows a lower
RShunt. These smaller RShunt reduce power dissipation within the current-sense circuit, in turn boosting the
overall power efficiency of the end application.
In the current-sense measurement, the gain error becomes the dominant source of error as the sensed
voltage becomes much larger than the offset voltage. If the device monitors currents near the full-scale
output range, the total measurement error approaches the value of the gain error.
8.2. Low input bias current
Compared with conventional current-sense amplifiers, the DIO2186 features very low input bias current,
which bring three advantages.
It can have lower current consumption. Traditional architectures draw tens of microamps at the inputs; this
current is required to bias the input stage and to drive the internal gain-setting network. The DIO2186
eliminates this burden through a capacitively coupled input stage followed by a precision difference
amplifier, reducing the bias current to near zero.
It can support input filtering without sacrificing measurement accuracy. Traditional current-sense amplifiers
lose accuracy when adding such filters. However, the DIO2186’s measurement accuracy is barely affected
by input filters because of its low bias currents.
It can use a larger current-sense resistor. Therefore, it is able to accurately monitor currents.
8.3. Low quiescent current
The DIO2186 features low quiescent current (IQ), and at the same time, it can still provide small-signal
bandwidth in most applications. Therefore, there is no need for excessive drain on the battery for its
application in many portable electronic systems.
8.4. Bidirectional current monitoring
For bidirectional operation, the current measurement is conducted through a RShunt in two directions. For
bidirectional current-sensing, apply a voltage at the REF pin to offset the voltage.
When a positive differential voltage is detected at the input terminals, the output voltage will be higher than
the applied reference voltage. Similarly, when a negative differential voltage is detected at the input
terminals, the output voltage will be lower than the applied reference voltage. The output voltage of the
current-sense amplifier can be calculated with the equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com