Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186 Datasheet(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186 Datasheet(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO2186 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
16
Figure 16. Microamp current measurement
9.6. Design requirements
The design requirements for the circuit is shown below.
Table 1. Design parameters
Symbol
Design parameter
Example value
VS
Power-supply voltage
5 V
VCM
Bus supply rail
12 V
IMI
Minimum sense current
1 µA
IMAX
Maximum sense current
150 µA
Gain
Device gain
25 V/V
VREF
Reference voltage
0 V
9.6.1. Detailed design procedure
The maximum value of the current-sense resistor is calculated based on choice of gain, value of the
maximum current the be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum
current, the output voltage should be less than the positive output swing specification VSP.
Gain
I
V
R
MAX
SP
Shunt
×
<
(6)
However, a resistance value of 1 kΩ must be used as this value exceeds the maximum recommended
value of RShunt. When operating at the minimum current value, IMIN the output voltage must be greater than
the swing to GND (VSN). In this situation, the output voltage at the minimum current can be calculated to be
25 mV, which is greater than the value for VSN.
Gain
R
I
V
SENSE
MIN
OUTMIN
×
×
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com