Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2211CS8 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2211CS8
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2211CS8 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2211CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
9
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
The DIO221X can detect overcurrent conditions and monitor current in an application through easy
configuration. Designers can use the device alone to detect the overcurrent of a single threshold or pair it
with other devices and circuitry to build more complex monitoring functional blocks.
9.1. Basic connections
To minimize the resistance in series with the shunt resistance, connect VIN+ and VIN– as close as possible
to the shunt resistor. Power-supply bypass capacitors can increase stability. To reject power supply noise in
applications with noisy or high-impedance power supplies, add decoupling capacitors. Connect bypass
capacitors close to the device pins (See Figure 8).
Figure 8. DIO221X basic connections
9.2. Choosing shunt resistor
The value for the shunt resistor or RSHUNT varies from application to application. The higher the RSHUNT
value is, the smaller the offset effects are. Likewise, the lower the value is, the smaller the supply voltage
loss is. Users should find a balance between maximum permissible voltage loss and the accuracy of small
input signals. Normally, RSHUNT with a range of 50 mV to 100 mV can help the application achieve the best
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com