Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2211CS8 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2211CS8
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2211CS8 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2211CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2211CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
75 V Common-Mode Voltage, High-Side Current-Sense
Amplifier with Comparator and Reference
Features
Common-mode voltage: -0.1 V to 75 V
Supply voltage: 3 V to 40 V
High accuracy
Options for gain/bandwidth:
−
DIO2210: 20 V/V, 440 kHz
−
DIO2211: 50 V/V, 110 kHz
−
DIO2212: 100 V/V, 65 kHz
Operating temperature: -40°C to 125°C
Slew rate: 3 V/μs
Latching capability
Open-drain output
Internal voltage reference: 0.6 V
Quiescent current: 470 μA (typ)
Applications
Brake systems
Electric power steering systems
Electronic stability control systems
Laptops
Battery chargers
Package Information
Part Number
Package
Body Size
DIO221X
SOIC-8
4.9 mm × 3.9 mm
MSOP-8
3.0 mm × 3.0mm
Description
The DIO221X series is a high-side current-sense
amplifier with voltage output and can sense drops
across shunts at common-mode voltage from -0.1 V
to 75 V. The choices of gain are 20 V/V, 50 V/V, and
100 V/V, with the according bandwidths of 440 kHz,
110 kHz, and 65 kHz.
The DIO221X series is integrated with an open-drain
comparator and internal reference at 0.6 V voltage.
By pulling or grounding the pin, the comparator can
be made transparent or latched as needed.
The DIO221X series operates from single 3 V to 40 V
supply under -40°C to 125°C, with a maximum supply
current of 620 μA.
Simplified Schematic


Similar Part No. - DIO2211CS8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2213 DIOO-DIO2213 Datasheet
1Mb / 13P
Current Shunt Monitor
Jan 2024
DIO2213CD6 DIOO-DIO2213CD6 Datasheet
1Mb / 13P
Current Shunt Monitor
Jan 2024
DIO2213CS8 DIOO-DIO2213CS8 Datasheet
1Mb / 13P
Current Shunt Monitor
Jan 2024
DIO2216 DIOO-DIO2216 Datasheet
1Mb / 17P
Current Shunt Monitor
Apr 2026
DIO2216AWL4 DIOO-DIO2216AWL4 Datasheet
1Mb / 17P
Current Shunt Monitor
Apr 2026
More results

Similar Description - DIO2211CS8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM612 NSC-LM612 Datasheet
244Kb / 10P
Dual-Channel Comparator and Reference
LM615 NSC-LM615 Datasheet
298Kb / 14P
LM615 Quad Comparator and Adjustable Reference
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
DUAL COMPARATOR AND VOLTAGE REFERENCE
Nov-2002
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Analog Devices
ADCMP350 AD-ADCMP350 Datasheet
89Kb / 4P
Comparator and Reference Circuits
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com