Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240BTP8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240BTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240BTP8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2240BTP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. TSSOP-8 (Top view)
Figure 2. SOIC-8 (Top view)
Figure 3. MSOP-8 (Top view)
Pin No.
Pin Name
I/O
Description
TSSOP-8
SOIC-8 /
MSOP-8
1
4
NC
-
No internal connection. Connect to ground or leave floating
2
8
IN+
Analog input
Connect to supply side of shunt resistor
3
1
IN-
Analog input
Connect to load side of shunt resistor
4
2
GND
Analog
Ground
5
6
VS
-
Power supply. 2.7 V to 5.5 V
6
3
REF2
Analog input
Reference 2 voltage. Connect to 0 V to VS (1)
7
7
REF1
Analog input
Reference 1 voltage. Connect to 0 V to VS (1)
8
5
OUT
Analog output
Output voltage
Note:
(1) Do not connect the REF1 pin or the REF2 pin to any voltage source lower than GND or higher than VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com