Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240BTP8 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240BTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240BTP8 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240BTP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance
TSSOP-8
149
°C/W
SOIC-8
33
°C/W
MSOP-8
146
°C/W
RθJC
Junction-to-case thermal resistance
TSSOP-8
113
°C/W
SOIC-8
52
°C/W
MSOP-8
62
°C/W
6. Electrical Characteristics
TA = 25 °C, VS = 5 V, VSENSE = VIN+ - VIN-, VCM = 12 V, and VREF1 = VREF2 = VS / 2, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Power supply
VS
Operating voltage
2.7
5.5
V
IQ
Quiescent current
VSENSE = 0 mV
1.8
2.4
mA
Input
VCM
Common-mode input
range
VSENSE = 0 mV
-4
110
V
CMRR
Common-mode
rejection ratio
VIN+ = -4 V to 80 V, VSENSE = 0 mV
132
dB
f = 50 kHz
93
dB
VOS
Offset voltage, RTI (1)
VSENSE = 0 mV,
VS = 2.5 V, GND = -2.5 V,
VCOM = 0
DIO2240A
±5
±40
µV
DIO2240B
±25
DIO2240E
±80
PSRR
Power-supply
rejection ratio
VS = 2.7 V to 5.5 V, VSENSE = 0 mV
±2
µV/V
IB
Input bias current
VSENSE = 0 mV
88
µA
Reference input
range
0
VS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com