Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UPC271, UPC311
R03DS0151EJ0200 Rev.2.00
Page 3 of 8
Mar.6.25
CIRCUIT CONNECTION EXAMPLE (1)
● BALANCE terminal, BALANCE/STROBE terminal
Note
Use either pin 5 and pin 6 open (no offset adjustment), the offset adjustment circuit, the strobe circuit (pin 5
open) or the common mode slew rate increase method as shown in above figures. In other cases, malfunction,
characteristic deterioration or damage may occur.
CIRCUIT CONNECTION EXAMPLE (2)
APPLICATION CIRCUIT EXAMPLE
● Output terminal, GND terminal
3
2
+
-
7
V +
8
5
6
3 kΩ
3 kΩ
オフセット調整
ストローブ
3
2
+
-
7
6
1 kΩ
TTL, CMOS
3
2
+
-
7
6
8
5
V +
コモン・モード・スルーレート増加法
BLANCE/STROBE 端子をロウに
すると、出力はハイとなります。
ストローブ動作電流は
3 ~ 5 mA の
間で設定してください。
3
2
+
-
7
4
1
8
V +
VO
RL
コレクタ出力
3
2
+
-
1
4
7
8
RL
VO
VI (-)
VI (+)
V +
エミッタ出力
エミッタ出力ですので、
VI (+) > VI (-) で VO はロウとなります。
• スレッシュホールド電圧
VTH (High) ≒ VREF +
R1
RL + R2 + R1 (VRL - VREF)
VTH (Low) ≒ VREF -
R1
R1 + R2 (VREF - VOL)
(VRL > VREF > VOL)
OUTPUT
RL
V +
INPUT
VRL
VREF
+
-
R2
R1
V -
GND
Offset Adjustment
Common Mode Slew Rate
Increase Method
Output goes high when BALANCE/STROBE
terminal is low. Set the strobe operating
current between 3 to 5mA
Strobe
Open Collector Output
Comparator with Hysteresis
Emitter Follower Output
When VI (+) > VI (-), VO is low
because emitter follower output.
Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com