Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC271, UPC311
R03DS0151EJ0200 Rev.2.00
Page 2 of 8
Mar.6.25
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC271G2
UPC311G2
Unit
Power Supply Voltage Note1
V + - V -
-0.3 to +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note2
VI
V - -0.3 to V + +0.3
V
Output to Negative Supply Voltage Note3
VO – V -
-0.3 to +40
V
Ground to Negative Supply Voltage Note3
VGND – V -
-0.3 to +30
V
Total Power Dissipation Note4
PT
440
mW
Output Short Circuit Duration Note5
10
s
Operating Ambient Temperature
TA
-40 to +85
-20 to +80
°C
Storage Temperature
Tstg
-55 to +125
°C
[Note] 1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deterioration or damaging the device
characteristic. Do not exceed the ratings including during transient state such as ON/OFF, etc. The Comparator
input voltage must operate within the electrical characteristics range of input common-mode voltage.
3. The output terminal and GND terminal must be apply within the output voltage range to avoid deteriorating or
damaging the device characteristic. The GND terminal must be less than V+. Do not exceed the ratings including
during transient state such as ON/OFF, etc.
4. This is the value at TA ≤ +25 °C. De-rate value at -4.4 mW/°C when TA > 25 °C.
5. Pay attention to output terminal current and GND terminal current. Please use the total loss and the de-rating
value from Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Dual Supply)
V ±
±4
±16
V
Power Supply Voltage (V - = GND)
V +
+5
+32
V
ELECTRICAL CHARACTERISTICS (V ± = ±15 V, TA = 25 °C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage Note6
VIO
±2.0
±7.5
mV
V + - V - = 5 V to 30 V, RS ≤ 50 kΩ
Input Offset Current Note6
IIO
±6.0
±50
nA
V + - V - = 5 V to 30 V
Input Bias Current
IB
100
250
nA
V + - V - = 5 V to 30 V
Voltage Gain
AV
200000
RL = 1.0 kΩ
Pulse Response Time
200
ns
Input step 100 mV,
Overdrive 5 mV
Output Saturation Voltage
VOL
0.75
1.5
V
VI ≤ -10 mV, IO = 50 mA
Strobe Operating Current
3.0
mA
Output Leakage Current
IO LEAK
0.2
50
nA
VI ≥ 10 mV, VO = 35 V
Positive Supply Current
I +
5.1
7.5
mA
IO = 0 A
Negative Supply Current
I -
4.1
5.0
mA
IO = 0 A
Input Offset Voltage Note6
VIO
±10
mV
V + - V - = 5 V to 30 V, RS ≤ 50 kΩ,
TA = 0 to +70 °C
Input Offset Current Note6
IIO
±70
nA
V + - V - = 5 V to 30 V, TA = 0 to +70°C
Input Bias Current
IB
300
nA
V + - V - = 5 V to 30 V, TA = 0 to +70°C
Common Mode Input
Voltage Range
VICM
+13.0
-14.5
+13.8
-14.7
V
Output Saturation Voltage
VOL
0.23
0.4
V
V + ≥ 4.5 V, V - = 0 V, VI ≤ -10 mV,
IO = 8 mA
[Note] 6. The difference of the input voltage and the input bias current when the load current is 1 mA and the output is
inverted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com