Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064AT Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58LW064AT
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064AT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58LW064AT Datasheet HTML 5Page - STMicroelectronics M58LW064AT Datasheet HTML 6Page - STMicroelectronics M58LW064AT Datasheet HTML 7Page - STMicroelectronics M58LW064AT Datasheet HTML 8Page - STMicroelectronics M58LW064AT Datasheet HTML 9Page - STMicroelectronics M58LW064AT Datasheet HTML 10Page - STMicroelectronics M58LW064AT Datasheet HTML 11Page - STMicroelectronics M58LW064AT Datasheet HTML 12Page - STMicroelectronics M58LW064AT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9/53
M58LW064A, M58LW064B
Table 4. Synchronous Burst Read Operations (1)
Note: 1. X = Don’t Care, VIL or VIH.
2. ? need to check with designers for various X and clock _/ definitions
Table 5. Asynchronous Read Electronic Signature Operation
Note: 1. For M58LW064B, A1 = Dont’Care
Table 6. M58LW064A CFI Block Protection Status Query Operation
(1)
Note: 1. X = Dont’Care, VIL or VIH.
Table 7. M58LW064B CFI Block Protection Status Query Operation
(1)
Note: 1. X = Dont’Care, VIL or VIH.
Operation
E
G
RP
K
L
B
A1-A22
DQ0-DQ31
Address Latch
VIL
VIH
VIH
_/
VIL
VIH
Addess Input
Burst Read
VIL
VIL
VIH
_/
VIH
VIH
Data Output
Burst Read Suspend
VIL
VIH
VIH
X
VIH
VIH
High Z
Burst Read Interrupt (E)
VIH
X
VIH
X
VIH
VIH
High Z
Burst Read Interrupt (RP)
X
X
VIL
X
X
X
High Z
Burst Read Resume
VIL
VIL
VIH
_/
VIH
VIL
Data Output
Burst Address Advance
VIL
VIH
VIH
_/
VIH
VIL
High Z
No Data Output Burst Address
Advance with valid Data Output
VIL
VIL
VIH
_/
VIH
VIL
Data Output
Code
Device
E
G
W
A22-A1
A22-A2
DQ7-DQ0
Manufacturer
All
VIL
VIL
VIH
00000h
00000h
20h
Device
M58LW064A
VIL
VIL
VIH
00001h
–
17h
M58LW064B (1)
VIL
VIL
VIH
–
00001h
14h
Block Status
E
G
W
A1
A2
A3-A16
A17-A22
DQ7-DQ0
Protected
VIL
VIL
VIH
VIH
VIH
X
Block Address
01h
Unprotected
VIL
VIL
VIH
VIH
VIH
X
Block Address
00h
Block Status
E
G
W
A1
A2
A3
A4-A16
A17-A22
DQ7-DQ0
Protected
VIL
VIL
VIH
X
VIH
VIH
X
Block Address
01h
Unprotected
VIL
VIL
VIH
X
VIH
VIH
X
Block Address
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com