Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064AT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58LW064AT
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064AT Datasheet(HTML) 1 Page - STMicroelectronics

  M58LW064AT Datasheet HTML 1Page - STMicroelectronics M58LW064AT Datasheet HTML 2Page - STMicroelectronics M58LW064AT Datasheet HTML 3Page - STMicroelectronics M58LW064AT Datasheet HTML 4Page - STMicroelectronics M58LW064AT Datasheet HTML 5Page - STMicroelectronics M58LW064AT Datasheet HTML 6Page - STMicroelectronics M58LW064AT Datasheet HTML 7Page - STMicroelectronics M58LW064AT Datasheet HTML 8Page - STMicroelectronics M58LW064AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1/53
PRODUCT PREVIEW
May 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
M58LW064A
M58LW064B
64 Mbit (x16 and x16/x32, Block Erase)
Low Voltage Flash Memories
s
M58LW064A x16 organisation,
s
M58LW064B x16/x32 selectable
s
MULTI-BIT CELL for HIGH DENSITY and LOW
COST
s
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Supply Voltage
–VDDQ = 2.7V to 3.6V or 1.8V to 2.5V
Input/Output Supply Voltage
s
PIPELINED SYNCHRONOUS BURST
INTERFACE
s
SYNCHRONOUS/ASYNCHRONOUS READ
– Synchronous Burst read
– Asynchronous Random and Latch Enabled
Controlled Read, with Page Read
s
ACCESS TIME
– Synchronous Burst Read up to 66MHz
– Asynchronous Page Mode Read 150/25ns,
Random Read 150ns
s
PROGRAMMING TIME
– 16 Word or 8 Double-Word Write Buffer
– 12us Word effective programming time
s
MEMORY BLOCKS
– 64 Equal blocks of 1 Mbit
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code M58LW064A: 17h
– Device Code M58LW064B: 14h
DESCRIPTION
The M58LW064 is a non-volatile Flash memory
that may be erased electrically at the block level
and programmed in-system on a 16 Word or 8
Double-Word basis using a 2.7V to 3.6V supply for
the circuit and a supply down to 1.8V for the Input
and Output buffers. The M58LW064A is organised
as 4M by 16 bit. The M58LW064B has 4M by 16
bit or 2M by 32 bit organisation selectable by the
Word Organisation WORD input. Both devices are
internally configured as 64 blocks of 1 Mbit each.
FBGA
86
1
TSOP56 (NF)
LBGA54 (ZA)
PQFP80 (T)
TSOP86 II (NH)
Figure 1. Logic Diagram
Note: 1. Only on M58LW064B.
AI03223
22
A1-A22
W
DQ0-DQ31
VDD
M58LW064A
M58LW064B
E
VSS
32
G
RP
L
VDDQ
B
K
RB
R
VPP
WORD
(1)


Similar Part No. - M58LW064AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1 STMICROELECTRONICS-M58LW064D110N1 Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M58LW064D110N1E STMICROELECTRONICS-M58LW064D110N1E Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
More results

Similar Description - M58LW064AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
25-Feb-2003
M28W640FST STMICROELECTRONICS-M28W640FST Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com