Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9728 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9728
Description  5045 Oscilloscope Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9728 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9728 Datasheet HTML 1Page - Time Electronics Ltd. 9728 Datasheet HTML 2Page - Time Electronics Ltd. 9728 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Time Electronics
5045 Oscilloscope Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 5045 is a versatile, high accuracy calibrator capable of calibrating digital and
analogue oscilloscopes, timer/counters, and frequency meters. It provides a wide
range of outputs for amplitude, frequency, period and bandwidth. Amplitude
calibration is achieved by a DC signal or 1 kHz square-wave, ranging from 1 mV to
220 V (2 V max for 50 ohm loads). Deviation up to ± 9.99 % allows fine adjustment
of amplitude and direct read-out of error. Accurate frequencies are generated from
a temperature controlled quartz crystal oscillator. Alternatively a 10 MHz reference
input in can be used. Timing accuracy of 0.1 ppm is suitable for most oscilloscopes
and timer counters. A precise square-wave output provides a fast rise time of less
than 300 ps, which allows bandwidth testing up to 600 MHz.
Simple Operation
Functions and ranges are easily accessed from the front panel. Increase and
decrease keys per digit, are used to quickly set the output value. Deviation control
then enables the user to finely adjust the output value as a percentage (± 9.99 %).
All this information is shown on a clear, easy to read LED display.
Additionally the 5045 is supplied with Time Electronics Windows based virtual control
interface software. This enables the user to control the instrument via a laptop or PC.
2.2 GHz Levelled Sine-Wave Option
For precise bandwidth determination and frequency response analysis the 2.2 GHz
option is available. The ability to adjust the frequency output from 50 MHz to 2.2 GHz
and adjust the amplitude from 0.35 V to 3.5 V pk-pk ensures accurate analysis of
oscilloscope input amplifiers.
Current Probe Calibration
For calibration of oscilloscope current probes an external adaptor is available.
This converts the amplitude of the 5045 output to current and covers the range of
0.1 mA to 100 mA pk-pk, with 0.2 % accuracy, DC or 1 kHz.
Rubidium Frequency Reference
Enhanced timing performance is available by specifying the rubidium high stability
frequency reference option (9762). This option achieves timing accuracies required
to calibrate high performance timer/counters to 1 part in 1010.
Features
• 1 mV to 220 V square wave/DC
• Frequency 0.1 to 100 MHz
• Time markers 10 s to 10 ns
• Fast rise < 300 ps
• Front panel or PC virtual control
• External reference input
• 2.2 GHz levelled sine option
• Rubidium frequency reference option
• Current probe adaptor option
• RS-232, USB, GPIB interface
EasyCal Calibration Software
The 5045 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - 9728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
logo
Time Electronics Ltd.
9728 TIME-ELECTRONICS-9728 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
9728 TIME-ELECTRONICS-9728 Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
9728 TIME-ELECTRONICS-9728 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9728 TIME-ELECTRONICS-9728 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9728

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
Oscilloscope Probe
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Keysight Technologies
N8900A KEYSIGHT-N8900A Datasheet
2Mb / 16P
Infiniium Offline Oscilloscope
logo
Maxim Integrated Produc...
MAX5717 MAXIM-MAX5717 Datasheet
4Mb / 22P
Digital Oscilloscope
Rev 0; 6/16
logo
TEKTRONIX, INC.
TBS2000B TEKTRONIX-TBS2000B Datasheet
2Mb / 18P
Digital Storage Oscilloscope
MSO54 TEKTRONIX-MSO54 Datasheet
6Mb / 32P
Mixed Signal Oscilloscope
25 May 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com