Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9728 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9728
Description  5075 Precision Digital Multimeter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9728 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9728 Datasheet HTML 1Page - Time Electronics Ltd. 9728 Datasheet HTML 2Page - Time Electronics Ltd. 9728 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Time Electronics
5075 Precision Digital Multimeter
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A benchtop digital multimeter that combines high performance and accuracy with
simple operation. With speed and precision, the 5075 measures from nanovolts
to 10 kV, from picoamps to 30 amps, from nano-ohms up to 1 GΩ, and from
picofarads to 300 µF. It is ideal for users requiring a cost-effective DMM with
multiple functions and exceptional resolution and accuracy up to 7½ digits.
This makes the 5075 is a versatile solution to essential laboratory calibration and
verification, covering a wide range of applications with excellent measurement
capabilities, whilst maintaining reliability and performance.
The Auto Dynamic Filter (ADF) mode allows the 5075 to automatically select the
most suitable filter. For a fast changing signal or for when the signal is first
connected the reading is displayed almost immediately, but if the input remains
constant, the filter time is increased to provide a more stable accurate reading. If
the input were disconnected the filter would immediately return to the fastest.
Operation is simple, all major functions from range selection to null require just
one key press. The large 24 digit display shows clearly the range and reading and
can even show the time to the next sample if required. Other functions can be
easily selected from a scrolled menu.
Functions for diode/zener tests, max/min, peak hold and continuity checks are
available and also various audible warnings can be selected. A bar graph function
allows the user to program high and low pass/fail limits and switch to the bar
display mode. This will give an audible and visual indication to the user of the
components specification.
A low thermal, 10-channel scanner option, allows multiple inputs to be displayed
or compared without the additional cost and inconvenience of a separate
switching arrangement.
Features
• 7½ digit resolution
• 10 nV to 10 kV, 10 pA to 30 A
• Resistance, capacitance, frequency
• 18 ppm accuracy
• 10 channel scanner option
• Temperature measurements
• GPIB interface (USB adaptor option)
• Rack mount kit option
• PC/laptop control via EasyCal software
EasyCal Calibration Software
The 5075 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - 9728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
logo
Time Electronics Ltd.
9728 TIME-ELECTRONICS-9728 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
9728 TIME-ELECTRONICS-9728 Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
9728 TIME-ELECTRONICS-9728 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9728 TIME-ELECTRONICS-9728 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9728

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
U1241A/U1242A Handheld Digital Multimeter
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com