Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7115 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7115
Description  7115 Contamination Trap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7115 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7115 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
8030 Controller
|
7161 manifold with UUT
| 7115 Trap
Description
The 7115 is a contamination trap designed for use with pressure equipment,
such as controllers, calibrators and pressure generators. It protects against
impurities, liquids (water, oil etc.) and residues released by manifolds,
gauges, transmitters and other pressure instrumentation under test.
The 7115 is primarily intended for use with the 8030 benchtop pressure
controller and equivalent 8030B CalBench module. It is supplied as standard
with both units. The trap provides a level of protection for the controller's
internal system components that require mechanical operation to be smooth
and unobstructed.
During pressure testing applications, a controller or calibrator will transition
from a higher set point to a lower one. At this time, liquid and residues
present in the pneumatic system may flow into the controller/calibrator.
This may also occur when selecting negative set points (vacuum). The 7115
is required to filter out contaminants.
Set up is simple and fast, with the trap connected between the controller/
calibrator and the unit under test. The top of the trap indicates the clean
side (controller) and the UUT side. The unit is pressure rated from vacuum
to 210 bar operation with two high pressure minimess type fittings for
connections. Hoses are supplied as standard. It is also suitable for use
with calibration manifolds such as the 7161P quad port pneumatic model.
On the CalBench the 7115 can be used with the 8030B controller module
or the RMTEG regulated pressure calibrator modules.
Ordering Information
7115........Contamination Trap for Pressure Controllers and Calibrators
Features/Specifications
• Contamination trap to protect pressure calibrators and controllers
• Supplied as standard with 8030 and 8030B pressure controllers
• Pressure range: -1 to 210 bar
• Pressure media: Pneumatic only, gas or air
• Material: Stainless steel, polycarbonate and nitrile rubber seals
• Connections: 2 x adaptors – minimess type with hoses supplied
• Dimensions: W 120 x D 120 x H 120 mm
• Weight: 1 kg
• Operating Temperature: 10 to 40 °C (50 to 104 °F)
Storage Temperature: 0 to 70 °C (32 to 158 °F)
Air Humidity: 0 to 95% (RH without moisture condensation)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
v2a
04/20
7115 Contamination Trap


Similar Part No. - 7115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7115 ETC1-7115 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Connor-Winfield Corpora...
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
logo
Pomona Electronics
7115 POMONA-7115 Datasheet
90Kb / 1P
XLR D Square Flanged Panel Receptacle
logo
Time Electronics Ltd.
7115 TIME-ELECTRONICS-7115 Datasheet
2Mb / 2P
8100 Instrumentation Test Stand
02/21
logo
Connor-Winfield Corpora...
7115-20.00M CONNOR-WINFIELD-7115-20.00M Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
More results

Similar Description - 7115

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XT4.5MB EUROQUARTZ-XT4.5MB Datasheet
42Kb / 1P
CERAMIC TRAP
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
CERAMIC TRAP
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
Ceramic Trap
logo
Festo Corporation.
564868 FESTO-564868 Datasheet
77Kb / 1P
Water trap
4/5/22
564869 FESTO-564869 Datasheet
77Kb / 1P
Water trap
4/5/22
564870 FESTO-564870 Datasheet
77Kb / 1P
Water trap
4/5/22
564871 FESTO-564871 Datasheet
77Kb / 1P
Water trap
4/5/22
564873 FESTO-564873 Datasheet
77Kb / 1P
Water trap
4/5/22
571468 FESTO-571468 Datasheet
81Kb / 1P
Water trap
4/5/22
8005550 FESTO-8005550 Datasheet
75Kb / 1P
Water trap
4/5/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com