Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCANFP1069
Description  902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain, Type N Male, ABS Radome, RHCP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANFP1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCANFP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANFP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANFP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
LCANFP1069 REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi
Gain, Type N Male, ABS Radome, RHCP
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain, Type N Male, ABS Radome, RHCP LCANFP1069
Features
• High Performance Multi-tag read/write Capabilities
• Lightweight, Concealable Design
• Right Hand Circular Polarized
• 902 to 928 MHz Frequency Range
• 2 Meter Cable
• Type N Male Connector
Applications
• Radio Frequency Identification
• Inventory Management
• Access Control
• Data Collection
• Asset Tracking
• Livestock Management
Description
L-Com’s LCANFP1069 is a RHCP RFID flat panel antenna. The LCANFP1069 with a 9 dBi gain nominal is a Directional antenna. Our
902 to 928 MHz antenna has N Male connector.
With an impedance of 50 Ohms and max input power of 20 Watts, the LCANFP1069 flat panel RHCP antenna is well suited for Radio
Frequency Identification tag reading applications. This 902-928 MHz 9 dBi gain RFID antenna is highly directional providing the reader
radio the capabilities of simultaneously reading a multitude of RFID tags with a high degree of accuracy.
L-Com’s RFID LCANFP1069 has a radome made of ABS in Off-White color and comes from a facility certified to ISO 9001:2015. This
N Male connectized Antenna has an overall length of 5.7 in, width of 5.7 in, and weighs 1.65 lbs. Use our on-line ordering system to
purchase your LCANFP1069 RFID Directional RHCP antenna 24 hours a day with same-day shipping and no MOQs (minimum order
quantities).
Configuration
Design
Flat Panel
Application Band
RFID
Band Type
Single
Radiation Pattern
Directional
Polarization
RHCP
Cable Type
RG142
Connector Type
N Male
Connector Type Specification
MIL-STD-348
Lightning Protection
DC Grounded
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
902
928
MHz
Input VSWR
1.3:1
Impedance
50
Ohms
Gain
9
dBi
Front to Back Ratio
17
dB
LCANFP1069


Similar Part No. - LCANFP1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANFP1060 L-COM-LCANFP1060 Datasheet
778Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain RP SMA Male, ABS Radome, RHCP
01/11/2023
LCANFP1061 L-COM-LCANFP1061 Datasheet
479Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 10 dBi Gain RP SMA Male, PVC Radome, RHCP
01/11/2023
LCANFP1062 L-COM-LCANFP1062 Datasheet
353Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 12 dBi Gain RP SMA Male, PVC Radome, RHCP
01/12/2023
LCANFP1063 L-COM-LCANFP1063 Datasheet
340Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 9 dBi, White ABS, RP SMA Male, IP54
01/12/2023
LCANFP1064 L-COM-LCANFP1064 Datasheet
436Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 0 dBi Gain, Type N Male, EVA Radome, RHCP
1/25/2023
More results

Similar Description - LCANFP1069

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
logo
Pasternack Enterprises,...
PE51129 PASTERNACK-PE51129 Datasheet
91Kb / 1P
High Performance Panel Antenna 4400-6400 MHz, 9 dBi
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
List of Unclassifed Man...
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com