Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1069 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANFP1069
Description  902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain, Type N Male, ABS Radome, RHCP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANFP1069 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANFP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANFP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANFP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANFP1069 REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi
Gain, Type N Male, ABS Radome, RHCP
LCANFP1069
Horizontal (Azimuth) HPBW
60
Degrees
Vertical (Elevation) HPBW
55
Degrees
Input Power
20
Watts
.
Mechanical Specifications
Radome Material
ABS
Size
Length
5.7 in [144.78 mm]
Width
5.7 in [144.78 mm]
Height
1 in [25.4 mm]
Weight
1.65 lbs [748.43 g]
Connectors
Description
Connector 1
Connector 2
Connector 3
A
B
C
D
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
.
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Ingress Protection
IP67
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain, Type N Male, ABS Radome, RHCP from L-com has same day shipment for
domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as well
as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive, and
active components.
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com