Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3166ST5 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3166ST5
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3166ST5 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3166ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO3166
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO3166• Rev. 1.4
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
-0.5
6.5
V
VSW
DC switch voltage
-0.5
VCC+0.5
V
VIN
DC control voltage
-0.5
6.5
V
ISW
On-state switch current
-300
300
mA
On-state peak switch current
-400
400
Continuous current through GND
-100
100
mA
TSTG
Storage temperature range
-65
150
°C
θJA
Junction-to-ambient thermal resistance
SC70-5
259
°C/W
SOT23-5
165
ESD
HBM, JEDEC:JESD22-A114
±8
kV
CDM, JEDEC: JESD22-C101
±1.5
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.65
5.5
V
VIN
Control input voltage
0
VCC
V
VSW
DC switch voltage
0
VCC
V
TA
Operating temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com