Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3166ST5 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3166ST5
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3166ST5 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3166ST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3166ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 1.4
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO3166• Rev. 1.4
DIO3166
Low On-Resistance, Low THD Analog Switch
Features
5.5 V tolerant on control pin
Voltage operation: 1.65 V to 5.5 V
Low on resistance: 1 Ω at VCC = 4.2 V
Excellent on resistance matching
Low total harmonic distortion (THD)
Low power consumption
Green or RoHS packaged:
SC70-5, SOT23-5
±1.5 kV CDM ESD, ±8 kV HBM ESD
Applications
Cell phones
PDAs and MP3s
Portable instrumentation
Battery powered communications
Computer peripherals
Descriptions
The DIO3166 is a low power, single pole single
throw analog switch, which is designed to operate
from a single 1.65 V to 5.5 V supply.
The DIO3166 has low on resistance, excellent on
resistance matching and very low total harmonic
distortion performance to prevent signal
distortion during signals transferring. All these
features make DIO3166 suitable for portable audio
applications.
The DIO3166 is available in two type packages:
SC70-5, SOT23-5.
Block Diagram
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO3166SC5
W316
3
Green
-40 to 85 °C
SC70-5
Tape & Reel, 3000
DIO3166ST5
W316
3
Green
-40 to 85 °C
SOT23-5
Tape & Reel, 3000


Similar Part No. - DIO3166ST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO31308 DIOO-DIO31308 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308CT16 DIOO-DIO31308CT16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO31308PN16 DIOO-DIO31308PN16 Datasheet
2Mb / 24P
8:1, 1-Channel Multiplexers with Injection Current Control
Version 1.1, Mar 2026
DIO3157E DIOO-DIO3157E Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
DIO3157ESC6 DIOO-DIO3157ESC6 Datasheet
922Kb / 10P
Analog Switch
Rev 1.5
More results

Similar Description - DIO3166ST5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com