Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3749SC6 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3749SC6
Description  Logic Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3749SC6 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO3749SC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DIO3749
Version 1.0, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Electrical Characteristics
5.1. DC electrical characteristics
TA = -40 to 85 °C. Typical values are at TA = 25 °C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Min
Typ
Max
Unit
VIH
Input voltage high
1.8 to 5.5
0.77
V
VIL
Input voltage low
1.8 to 5.5
0.4
V
IIN
Control input leakage
VCNTRL = 0 to VCC
3.6
-1
1
μA
ION
Channel on leakage
current
VS = VD = 1 V, or VS = VD = 3 V,
see Figure 7
3.3
-0.35
0.35
nA
VS = VD = 1 V, or VS = VD = 4.5 V,
see Figure 7
5.5
IOZ
Source off leakage
current
VS = 3 V/ 1 V, VD = 1 V/ 3 V,
see Figure 8
3.3
-0.35
0.35
nA
VS = 4.5 V/ 1 V, VD = 1 V/ 4.5 V,
see Figure 8
5.5
IOFF
Power off leakage
current
VSW = 0 V to 3.6 V
0
-1
1
μA
RON
Switch on resistance
VSW = 0.4 V, ION = 8 mA,
see Figure 6
3.3
6
Ω
1.8
8
12
18
ΔRON
Delta RON
VSW = 0.4 V, ION = 8 mA
3.3
0.05
Ω
ICC
Quiescent supply
current
VCNTRL = 0 or VCC
3.6
1
μA
ICCT
Increase in ICC current
per control voltage
and VCC
VCNTRL = 2.6 V
3.6
1
μA
VCNTRL = 1.8 V
3.6
4.3
μA
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com