Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3749SC6 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3749SC6
Description  Logic Compliance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3749SC6 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO3749SC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO3749SC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DIO3749
Version 1.0, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
5.2. AC electrical characteristics
VCC = 3.3 V at 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Min
Typ
Max
Unit
tON
Turn-on time
IN to output
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V, see Figure 12
3.0 to 3.6
15
ns
tOFF
Turn-off time
IN to output
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V, see Figure 12
3.0 to 3.6
11
ns
tPD (1)
Propagation delay
RL = 50 Ω, CL = 5 pF
3.3
0.25
ns
tBBM
Break-before-make
RL = 50 Ω, CL = 5 pF,
VSW = 0.8 V, see Figure 11
3.0 to 3.6
16
ns
OIRR
Off isolation
RL = 50 Ω, f = 240 MHz,
see Figure 10
3.0 to 3.6
-35
dB
BW
-3dB bandwidth
RL = 50 Ω, CL = 0 pF,
see Figure 9
1.8 to 3.6
2000
MHz
RL = 50 Ω, CL = 5 pF,
see Figure 9
870
MHz
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com