Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC802G2-AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC802G2-AP
Description  Ultra-low power High-performance Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC802G2-AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC802G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 8Page - Renesas Technology Corp UPC802G2-AP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC802
R03DS0096EJ0100 Rev.1.00
Page 2 of 8
Mar.14.25
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Parameter
Symbol
UPC802G2
Unit
Voltage between V+ and V- Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
ISET Current
ISET
150
µA
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration Note 5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when
the both inputs are within the Common Mode Input Voltage range of electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external without
damage or destruction. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics.
4. Thermal derating factor is -4.4 mV/°C when operating ambient temperature is higher than 25°C.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
V ±
±1
±16
V
ISET Current
ISET
0.1
50
µA
TYPICAL CONNECTIONS
ISET
OFFSET VOLTAGE NULL CIRCUIT
Remark ISET is indispensable to operate.
The OFFSET NULL terminal should be
opened or connected to V- through a resistor
as shown in the figure on the left.
Connections other than V- may cause
malfunction, degradation, or damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com