Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC802G2-AP Datasheet (PDF) - Renesas Technology Corp

UPC802G2-AP Datasheet PDF - Renesas Technology Corp
Part # UPC802G2-AP
Download  UPC802G2-AP Download
File Size   794.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low power High-performance Operational Amplifiers

UPC802G2-AP Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC802G2-AP Datasheet PDF - Renesas Technology Corp

Part # UPC802G2-AP
Download  UPC802G2-AP Click to download

File Size   794.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-low power High-performance Operational Amplifiers

UPC802G2-AP Datasheet (HTML) - Renesas Technology Corp


UPC802G2-AP Product details

•Input Offset Voltage±1mV (TYP.)
•Input Offset Current±3nA (TYP.)
•Input Bias Current20nA (ISET = 10μA, TYP.)
3nA (ISET = 1μA, TYP.)
•Power Dissipation14μW (ISET = 1μA, V±= ±1.5V) (TYP.)
•Low supply voltage operation±1 V
•Electrical characteristics can be changed by changing the set current
•Built-In Phase Compensation Circuit
•Equipped with an offset adjustment terminal
•Built-In Output Short Circuit Protection




Similar Part No. - UPC802G2-AP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
UPC8026G-S08-R UTC-UPC8026G-S08-R Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
UPC8026L-S08-R UTC-UPC8026L-S08-R Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UPC8026L-S08-R DOINGTER-UPC8026L-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - UPC802G2-AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
Ultra Low Power CMOS Operational Amplifiers
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com