Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8026G-S08-R Datasheet (PDF) - Unisonic Technologies

UPC8026G-S08-R Datasheet PDF - Unisonic Technologies
Part # UPC8026G-S08-R
Download  UPC8026G-S08-R Download
File Size   154.71 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30V, 13A N-CHANNEL POWER MOSFET

UPC8026G-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8026G-S08-R Datasheet PDF - Unisonic Technologies

Part # UPC8026G-S08-R
Download  UPC8026G-S08-R Click to download

File Size   154.71 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30V, 13A N-CHANNEL POWER MOSFET

UPC8026G-S08-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UPC8026G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UPC8026L-S08-R DOINGTER-UPC8026L-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - UPC8026G-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
logo
Unisonic Technologies
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Rohm
RQ3E130BN ROHM-RQ3E130BN Datasheet
2Mb / 12P
Nch 30V 13A Middle Power MOSFET
RSS130N03FRA ROHM-RSS130N03FRA Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
RQ3E130MN ROHM-RQ3E130MN Datasheet
622Kb / 11P
Nch 30V 13A Power MOSFET
logo
Will Semiconductor Ltd.
WNM3030 WILLSEMI-WNM3030 Datasheet
1Mb / 8P
Single N-Channel, 30V, 13A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
logo
Rohm
RS3E130AT ROHM-RS3E130AT Datasheet
2Mb / 15P
Pch -30V -13A Power MOSFET
RSS130N03HZG ROHM-RSS130N03HZG Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com